Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 654 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 654 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 650Page - Renesas Technology Corp SH7261 Datasheet HTML 651Page - Renesas Technology Corp SH7261 Datasheet HTML 652Page - Renesas Technology Corp SH7261 Datasheet HTML 653Page - Renesas Technology Corp SH7261 Datasheet HTML 654Page - Renesas Technology Corp SH7261 Datasheet HTML 655Page - Renesas Technology Corp SH7261 Datasheet HTML 656Page - Renesas Technology Corp SH7261 Datasheet HTML 657Page - Renesas Technology Corp SH7261 Datasheet HTML 658Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 1348 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 2.00 Sep. 07, 2007 Page 622 of 1312
REJ09B0320-0200
13.8.5
Conflict between Compare Matches A and B
If compare match events A and B occur at the same time, the 8-bit timer operates in accordance
with the priorities for the output statuses set for compare match A and compare match B, as shown
in table 13.4.
Table 13.4
Timer Output Priorities
Output Setting
Priority
Toggle output
High
1-output
0-output
No change
Low
13.8.6
Switching of Internal Clocks and TCNT Operation
TCNT may be incremented erroneously depending on when the internal clock is switched. Table
13.5 shows the relationship between the timing at which the internal clock is switched (by writing
to bits CKS1 and CKS0) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the rising or falling edge of the internal
clock pulse are always monitored. Table 13.5 assumes that the falling edge is selected. If the
signal levels of the clocks before and after switching change from high to low as shown in item 3,
the change is considered as the falling edge. Therefore, a TCNT clock pulse is generated and
TCNT is incremented. This is similar to when the rising edge is selected.
The erroneous incrementation of TCNT can also happen when switching between rising and
falling edges of the internal clock, and when switching between internal and external clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com