Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 686 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 686 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 682Page - Renesas Technology Corp SH7261 Datasheet HTML 683Page - Renesas Technology Corp SH7261 Datasheet HTML 684Page - Renesas Technology Corp SH7261 Datasheet HTML 685Page - Renesas Technology Corp SH7261 Datasheet HTML 686Page - Renesas Technology Corp SH7261 Datasheet HTML 687Page - Renesas Technology Corp SH7261 Datasheet HTML 688Page - Renesas Technology Corp SH7261 Datasheet HTML 689Page - Renesas Technology Corp SH7261 Datasheet HTML 690Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 654 of 1312
REJ09B0320-0200
15.3.13
Date Alarm Register (RDAYAR)
RDAYAR is an alarm register corresponding to the BCD coded date counter RDAYCNT. When
the ENB bit is set to 1, a comparison with the RDAYCNT value is performed. From among
RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/RMONAR/RCR3, the counter and alarm
register comparison is performed only on those with ENB bits set to 1, and if each of those
coincides, an alarm flag of RCR1 is set to 1.
The assignable range is from 01 through 31 + ENB bits (practically in BCD), otherwise operation
errors occur.
The ENB bit in RDAYAR is initialized by a power-on reset or in deep standby mode. The other
bits are not initialized by a power-on reset or manual reset, or in deep standby and software
standby modes.
R/W
ENB
0
1
2
3
4
5
6
7
0
R/W
R/W
R/W
0
R
Bit:
Initial value:
R/W:
—
10 days
——
R/W
R/W
—
R/W
——
—
1 day
Bit
Bit Name
Initial
Value
R/W
Description
7
ENB
0
R/W
When this bit is set to 1, a comparison with the
RDAYCNT value is performed.
6
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
5, 4
10 days
Undefined
R/W
Ten's position of dates setting value
3 to 0
1 day
Undefined
R/W
One's position of dates setting value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com