Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 727 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 727 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 723Page - Renesas Technology Corp SH7261 Datasheet HTML 724Page - Renesas Technology Corp SH7261 Datasheet HTML 725Page - Renesas Technology Corp SH7261 Datasheet HTML 726Page - Renesas Technology Corp SH7261 Datasheet HTML 727Page - Renesas Technology Corp SH7261 Datasheet HTML 728Page - Renesas Technology Corp SH7261 Datasheet HTML 729Page - Renesas Technology Corp SH7261 Datasheet HTML 730Page - Renesas Technology Corp SH7261 Datasheet HTML 731Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 727 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 695 of 1312
REJ09B0320-0200
Table 16.4
Bit Rates and SCBRR Settings (Asynchronous Mode) (4)
P
φ (MHz)
20
24
24.576
28.7
Bit Rate
(bit/s)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
110
3
88
–0.25
3
106
–0.44
3
108
0.08
3
126
0.31
150
3
64
0.16
3
77
0.16
3
79
0.00
3
92
0.46
300
2
129
0.16
2
155
0.16
2
159
0.00
2
186
–0.08
600
2
64
0.16
2
77
0.16
2
79
0.00
2
92
0.46
1200
1
129
0.16
1
155
0.16
1
159
0.00
1
186
–0.08
2400
1
64
0.16
1
77
0.16
1
79
0.00
1
92
0.46
4800
0
129
0.16
0
155
0.16
0
159
0.00
0
186
–0.08
9600
0
64
0.16
0
77
0.16
0
79
0.00
0
92
0.46
19200
0
32
–1.36
0
38
0.16
0
39
0.00
0
46
–0.61
31250
0
19
0.00
0
23
0.00
0
24
–1.70
0
28
–1.03
38400
0
15
1.73
0
19
–2.34
0
19
0.00
0
22
1.55
Table 16.4
Bit Rates and SCBRR Settings (Asynchronous Mode) (5)
P
φ (MHz)
30
33
36
38
40
Bit Rate
(bit/s)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
110
3
132
0.13
3
145
0.33
3
159 –0.12
3
168
–0.19
3
177
–0.25
150
3
97
–0.35
3
106
0.39
3
116 0.16
3
123
–0.24
3
129
0.16
300
2
194
0.16
2
214
–0.07
2
233 0.16
2
246
0.16
3
64
0.16
600
2
97
–0.35
2
106
0.39
2
116 0.16
2
123
–0.24
2
129
0.16
1200
1
194
0.16
1
214
–0.07
1
233 0.16
1
246
0.16
2
64
0.16
2400
1
97
–0.35
1
106
0.39
1
116 0.16
1
123
–0.24
1
129
0.16
4800
0
194
–1.36
0
214
–0.07
0
233 0.16
0
246
0.16
1
64
0.16
9600
0
97
–0.35
0
106
0.39
0
116 0.16
0
123
–0.24
0
129
0.16
19200
0
48
–0.35
0
53
–0.54
0
58
–0.69
0
61
–0.24
0
64
0.16
31250
0
29
0.00
0
32
0.00
0
35
0.00
0
37
0.00
0
39
0.00
38400
0
23
1.73
0
26
–0.54
0
28
1.02
0
30
–0.24
0
32
–1.36
Note:
Settings with an error of 1% or less are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com