Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 729 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 729 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 725Page - Renesas Technology Corp SH7261 Datasheet HTML 726Page - Renesas Technology Corp SH7261 Datasheet HTML 727Page - Renesas Technology Corp SH7261 Datasheet HTML 728Page - Renesas Technology Corp SH7261 Datasheet HTML 729Page - Renesas Technology Corp SH7261 Datasheet HTML 730Page - Renesas Technology Corp SH7261 Datasheet HTML 731Page - Renesas Technology Corp SH7261 Datasheet HTML 732Page - Renesas Technology Corp SH7261 Datasheet HTML 733Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 729 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 697 of 1312
REJ09B0320-0200
Table 16.5
Bit Rates and SCBRR Settings (Clocked Synchronous Mode) (2)
P
φ (MHz)
33
36
38
40
Bit Rate
(bit/s)
n
N
n
N
n
N
n
N
110
—
—
—
—
—
—
—
—
250
—
—
—
—
—
—
—
—
500
3
255
—
—
—
—
—
—
1 k
3
125
3
140
3
147
3
155
2.5 k
2
200
2
224
2
237
2
249
5 k
2
100
2
112
2
118
2
124
10 k
1
200
1
224
1
237
1
249
25 k
1
80
1
89
1
94
1
99
50 k
0
160
0
179
0
189
0
199
100 k
0
80
0
89
0
94
0
99
250 k
0
31
0
35
0
37
0
39
500 k
0
15
0
17
0
18
0
19
1 M
0
7
0
8
—
—
0
9
2 M
—
—
—
—
—
—
—
—
[Legend]
Blank: No setting possible
—:
Setting possible, but error occurs
*:
Continuous transmission/reception not possible
Table 16.6 indicates the maximum bit rates in asynchronous mode when the baud rate generator is
used. Tables 16.7 and 16.8 list the maximum rates when the external clock input is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com