Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 732 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 732 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 728Page - Renesas Technology Corp SH7261 Datasheet HTML 729Page - Renesas Technology Corp SH7261 Datasheet HTML 730Page - Renesas Technology Corp SH7261 Datasheet HTML 731Page - Renesas Technology Corp SH7261 Datasheet HTML 732Page - Renesas Technology Corp SH7261 Datasheet HTML 733Page - Renesas Technology Corp SH7261 Datasheet HTML 734Page - Renesas Technology Corp SH7261 Datasheet HTML 735Page - Renesas Technology Corp SH7261 Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 700 of 1312
REJ09B0320-0200
16.3.9
FIFO Control Register (SCFCR)
SCFCR resets the quantity of data in the transmit and receive data FIFO registers, sets the trigger
data quantity, and contains an enable bit for loop-back testing. SCFCR can always be read and
written to by the CPU. It is initialized to H'0000 by a power-on reset or in deep standby mode.
15
14
13
12
11
10
9
8
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
RTRG[1:0]
TTRG[1:0]
—
TFRST RFRST LOOP
0
0
0
0
0
0
0
0
R
R
R
R
R
Bit:
Initial value:
R/W:
—————
R
R
R
———
0
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Receive FIFO Data Trigger
Set the quantity of receive data which sets the receive
data full (RDF) flag in the serial status register (SCFSR).
The RDF flag is set to 1 when the quantity of receive
data stored in the receive FIFO register (SCFRDR) is
increased more than the set trigger number shown
below.
• Asynchronous mode • Clocked synchronous mode
00: 1
01: 4
10: 8
11: 14
00: 1
01: 2
10: 8
11: 14
7, 6
RTRG[1:0]
00
R/W
Note: In clock synchronous mode, to transfer the receive
data using DMAC, set the receive trigger number
to 1. If a number other than 1 is set, CPU must
read the receive data left in SCFRDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com