Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 734 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 734 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 730Page - Renesas Technology Corp SH7261 Datasheet HTML 731Page - Renesas Technology Corp SH7261 Datasheet HTML 732Page - Renesas Technology Corp SH7261 Datasheet HTML 733Page - Renesas Technology Corp SH7261 Datasheet HTML 734Page - Renesas Technology Corp SH7261 Datasheet HTML 735Page - Renesas Technology Corp SH7261 Datasheet HTML 736Page - Renesas Technology Corp SH7261 Datasheet HTML 737Page - Renesas Technology Corp SH7261 Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 702 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
LOOP
0
R/W
Loop-Back Test
Internally connects the transmit output pin (TxD) and
receive input pin (RxD) and enables loop-back testing.
0: Loop back test disabled
1: Loop back test enabled
16.3.10
FIFO Data Count Register (SCFDR)
SCFDR is a 16-bit register which indicates the quantity of data stored in the transmit FIFO data
register (SCFTDR) and the receive FIFO data register (SCFRDR).
It indicates the quantity of transmit data in SCFTDR with the upper 8 bits, and the quantity of
receive data in SCFRDR with the lower 8 bits. SCFDR can always be read by the CPU. SCFDR is
initialized to H'0000 by a power on reset or in deep standby mode.
15
14
13
12
11
10
987654321
0
0000000000000000
RRRRRRRRRRRRRRRR
Bit:
Initial value:
R/W:
—
—
—
T[4:0]
—
—
—
R[4:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 13
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
12 to 8
T[4:0]
00000
R
T4 to T0 bits indicate the quantity of non-transmitted
data stored in SCFTDR. H'00 means no transmit data,
and H'10 means that SCFTDR is full of transmit data.
7 to 5
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
4 to 0
R[4:0]
00000
R
R4 to R0 bits indicate the quantity of receive data
stored in SCFRDR. H'00 means no receive data, and
H'10 means that SCFRDR full of receive data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com