Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 738 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 738 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 734Page - Renesas Technology Corp SH7261 Datasheet HTML 735Page - Renesas Technology Corp SH7261 Datasheet HTML 736Page - Renesas Technology Corp SH7261 Datasheet HTML 737Page - Renesas Technology Corp SH7261 Datasheet HTML 738Page - Renesas Technology Corp SH7261 Datasheet HTML 739Page - Renesas Technology Corp SH7261 Datasheet HTML 740Page - Renesas Technology Corp SH7261 Datasheet HTML 741Page - Renesas Technology Corp SH7261 Datasheet HTML 742Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 738 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 706 of 1312
REJ09B0320-0200
16.4
Operation
16.4.1
Overview
For serial communication, the SCIF has an asynchronous mode in which characters are
synchronized individually, and a clocked synchronous mode in which communication is
synchronized with clock pulses.
The SCIF has a 16-stage FIFO buffer for both transmission and receptions, reducing the overhead
of the CPU, and enabling continuous high-speed communication. The transmission format is
selected in the serial mode register (SCSMR), as shown in table 16.9. The SCIF clock source is
selected by the combination of the CKE1 and CKE0 bits in the serial control register (SCSCR), as
shown in table 16.10.
(1)
Asynchronous Mode
• Data length is selectable: 7 or 8 bits
• Parity bit is selectable. So is the stop bit length (1 or 2 bits). The combination of the preceding
selections constitutes the communication format and character length.
• In receiving, it is possible to detect framing errors, parity errors, receive FIFO data full,
overrun errors, receive data ready, and breaks.
• The number of stored data bytes is indicated for both the transmit and receive FIFO registers.
• An internal or external clock can be selected as the SCIF clock source.
 When an internal clock is selected, the SCIF operates using the on-chip baud rate
generator.
 When an external clock is selected, the external clock input must have a frequency 16 times
the bit rate. (The on-chip baud rate generator is not used.)
(2)
Clocked Synchronous Mode
• The transmission/reception format has a fixed 8-bit data length.
• In receiving, it is possible to detect overrun errors (ORER).
• An internal or external clock can be selected as the SCIF clock source.
 When an internal clock is selected, the SCIF operates using the on-chip baud rate
generator, and outputs a serial clock signal to external devices.
 When an external clock is selected, the SCIF operates on the input serial clock. The on-
chip baud rate generator is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com