Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 737 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 737 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 733Page - Renesas Technology Corp SH7261 Datasheet HTML 734Page - Renesas Technology Corp SH7261 Datasheet HTML 735Page - Renesas Technology Corp SH7261 Datasheet HTML 736Page - Renesas Technology Corp SH7261 Datasheet HTML 737Page - Renesas Technology Corp SH7261 Datasheet HTML 738Page - Renesas Technology Corp SH7261 Datasheet HTML 739Page - Renesas Technology Corp SH7261 Datasheet HTML 740Page - Renesas Technology Corp SH7261 Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 705 of 1312
REJ09B0320-0200
16.3.12
Line Status Register (SCLSR)
The CPU can always read or write to SCLSR, but cannot write 1 to the ORER flag. This flag can
be cleared to 0 only if it has first been read (after being set to 1).
SCLSR is initialized to H'0000 by a power-on reset or in deep standby mode.
15
14
13
12
11
10
987654321
0
0000000000000000
RRRRRRRRRRRRRRR
R/(W)*
Bit:
Initial value:
R/W:
Note: *
Only 0 can be written to clear the flag after 1 is read.
ORER
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Bit
Bit Name
Initial
Value
R/W
Description
15 to 1
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
ORER
0
R/(W)* Overrun Error
Indicates the occurrence of an overrun error.
0: Receiving is in progress or has ended normally*
1
[Clearing conditions]
• ORER is cleared to 0 when the chip is a power-on
reset
• ORER is cleared to 0 when 0 is written after 1 is
read from ORER.
1: An overrun error has occurred*
2
[Setting condition]
• ORER is set to 1 when the next serial receiving is
finished while the receive FIFO is full of 16-byte
receive data.
Notes: 1. Clearing the RE bit to 0 in SCSCR does
not affect the ORER bit, which retains its
previous value.
2. The receive FIFO data register (SCFRDR)
retains the data before an overrun error
has occurred, and the next received data
is discarded. When the ORER bit is set to
1, the SCIF cannot continue the next
serial reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com