Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 736 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 736 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 732Page - Renesas Technology Corp SH7261 Datasheet HTML 733Page - Renesas Technology Corp SH7261 Datasheet HTML 734Page - Renesas Technology Corp SH7261 Datasheet HTML 735Page - Renesas Technology Corp SH7261 Datasheet HTML 736Page - Renesas Technology Corp SH7261 Datasheet HTML 737Page - Renesas Technology Corp SH7261 Datasheet HTML 738Page - Renesas Technology Corp SH7261 Datasheet HTML 739Page - Renesas Technology Corp SH7261 Datasheet HTML 740Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 736 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 704 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
SCKDT
Undefined
R/W
SCK Port Data
Indicates the input/output data of the serial port SCK
pin. Input/output is specified by the SCKIO bit. For
output, the SCKDT bit value is output to the SCK pin.
The SCK pin status is read from the SCKDT bit
regardless of the SCKIO bit setting. However, SCK
input/output must be set in the PFC.
0: Input/output data is low level
1: Input/output data is high level
1
SPB2IO
0
R/W
Serial Port Break Input/Output
Indicates input or output of the serial port TxD pin.
When the TxD pin is actually used as a port outputting
the SPB2DT bit value, the TE bit in SCSCR should be
cleared to 0.
0: SPB2DT bit value not output to TxD pin
1: SPB2DT bit value output to TxD pin
0
SPB2DT
Undefined
R/W
Serial Port Break Data
Indicates the input data of the RxD pin and the output
data of the TxD pin used as serial ports. Input/output is
specified by the SPB2IO bit. When the TxD pin is set to
output, the SPB2DT bit value is output to the TxD pin.
The RxD pin status is read from the SPB2DT bit
regardless of the SPB2IO bit setting. However, RxD
input and TxD output must be set in the PFC.
0: Input/output data is low level
1: Input/output data is high level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com