Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 739 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 739 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 735Page - Renesas Technology Corp SH7261 Datasheet HTML 736Page - Renesas Technology Corp SH7261 Datasheet HTML 737Page - Renesas Technology Corp SH7261 Datasheet HTML 738Page - Renesas Technology Corp SH7261 Datasheet HTML 739Page - Renesas Technology Corp SH7261 Datasheet HTML 740Page - Renesas Technology Corp SH7261 Datasheet HTML 741Page - Renesas Technology Corp SH7261 Datasheet HTML 742Page - Renesas Technology Corp SH7261 Datasheet HTML 743Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 739 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 707 of 1312
REJ09B0320-0200
Table 16.9
SCSMR Settings and SCIF Communication Formats
SCSMR Settings
SCIF Communication Format
Bit 7
C/
A
Bit 6
CHR
Bit 5
PE
Bit 3
STOP Mode
Data Length
Parity Bit
Stop Bit Length
0
0
0
0
8 bits
Not set
1 bit
1
2 bits
1
0
Set
1 bit
1
2 bits
1
0
0
7 bits
Not set
1 bit
1
2 bits
1
0
Set
1 bit
1
Asynchronous
2 bits
1
x
x
x
Clocked
synchronous
8 bits
Not set
None
[Legend]
x: Don't care
Table 16.10 SCSMR and SCSCR Settings and SCIF Clock Source Selection
SCSMR
SCSCR
Settings
SCIF Transmit/Receive Clock
Bit 7
C/
A
Bit 1
CKE1
Bit 0
CKE0
Mode
Clock
Source
SCK Pin Function
0
SCIF does not use the SCK pin
0
1
Internal
Outputs a clock with a frequency 16 times
the bit rate
0
External
Inputs a clock with frequency 16 times the
bit rate
0
1
1
Asynchronous
Setting prohibited
0
x
Internal
Outputs the serial clock
0
External
Inputs the serial clock
1
1
1
Clocked
synchronous
Setting prohibited
[Legend]
x: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com