Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 735 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 735 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 731Page - Renesas Technology Corp SH7261 Datasheet HTML 732Page - Renesas Technology Corp SH7261 Datasheet HTML 733Page - Renesas Technology Corp SH7261 Datasheet HTML 734Page - Renesas Technology Corp SH7261 Datasheet HTML 735Page - Renesas Technology Corp SH7261 Datasheet HTML 736Page - Renesas Technology Corp SH7261 Datasheet HTML 737Page - Renesas Technology Corp SH7261 Datasheet HTML 738Page - Renesas Technology Corp SH7261 Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 703 of 1312
REJ09B0320-0200
16.3.11
Serial Port Register (SCSPTR)
SCSPTR controls input/output and data of pins multiplexed to SCIF function. Bits 3 and 2 can
control input/output data of SCK pin. Bits 1 and 0 can input data from RxD pin and output data to
TxD pin, so they control break of serial transmitting/receiving.
The CPU can always read and write to SCSPTR. SCSPTR is initialized to H'0050 by a power-on
reset or in deep standby mode.
15
14
13
12
11
10
987654321
0
0000000001010
0
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
————————
RRRR
————
——
SCKIO SCKDT
SPB2
IO
SPB2
DT
Bit
Bit Name
Initial
Value
R/W
Description
15 to 7
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
6
—
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.
5
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
4
—
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.
3
SCKIO
0
R/W
SCK Port Input/Output
Indicates input or output of the serial port SCK pin.
When the SCK pin is actually used as a port outputting
the SCKDT bit value, the CKE[1:0] bits in SCSCR
should be cleared to 0.
0: SCKDT bit value not output to SCK pin
1: SCKDT bit value output to SCK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com