Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 733 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 733 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 729Page - Renesas Technology Corp SH7261 Datasheet HTML 730Page - Renesas Technology Corp SH7261 Datasheet HTML 731Page - Renesas Technology Corp SH7261 Datasheet HTML 732Page - Renesas Technology Corp SH7261 Datasheet HTML 733Page - Renesas Technology Corp SH7261 Datasheet HTML 734Page - Renesas Technology Corp SH7261 Datasheet HTML 735Page - Renesas Technology Corp SH7261 Datasheet HTML 736Page - Renesas Technology Corp SH7261 Datasheet HTML 737Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 733 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 701 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5, 4
TTRG[1:0]
00
R/W
Transmit FIFO Data Trigger
Set the quantity of remaining transmit data which sets
the transmit FIFO data register empty (TDFE) flag in the
serial status register (SCFSR). The TDFE flag is set to
1 when the quantity of transmit data in the transmit
FIFO data register (SCFTDR) becomes less than the
set trigger number shown below.
00: 8 (8)*
01: 4 (12)*
10: 2 (14)*
11: 0 (16)*
Note: * Values in parentheses mean the number of
empty bytes in SCFTDR when the TDFE flag is
set to 1.
3
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
2
TFRST
0
R/W
Transmit FIFO Data Register Reset
Disables the transmit data in the transmit FIFO data
register and resets the data to the empty state.
0: Reset operation disabled*
1: Reset operation enabled
Note: * Reset operation is executed by a power-on
reset.
1
RFRST
0
R/W
Receive FIFO Data Register Reset
Disables the receive data in the receive FIFO data
register and resets the data to the empty state.
0: Reset operation disabled*
1: Reset operation enabled
Note: * Reset operation is executed by a power-on
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com