Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 742 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 742 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 738Page - Renesas Technology Corp SH7261 Datasheet HTML 739Page - Renesas Technology Corp SH7261 Datasheet HTML 740Page - Renesas Technology Corp SH7261 Datasheet HTML 741Page - Renesas Technology Corp SH7261 Datasheet HTML 742Page - Renesas Technology Corp SH7261 Datasheet HTML 743Page - Renesas Technology Corp SH7261 Datasheet HTML 744Page - Renesas Technology Corp SH7261 Datasheet HTML 745Page - Renesas Technology Corp SH7261 Datasheet HTML 746Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 742 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 710 of 1312
REJ09B0320-0200
(2)
Clock
An internal clock generated by the on-chip baud rate generator or an external clock input from the
SCK pin can be selected as the SCIF transmit/receive clock. The clock source is selected by the
C/
A bit in the serial mode register (SCSMR) and bits CKE1 and CKE0 in the serial control
register (SCSCR). For clock source selection, refer to table 16.10.
When an external clock is input at the SCK pin, it must have a frequency equal to 16 times the
desired bit rate.
When the SCIF operates on an internal clock, it can output a clock signal on the SCK pin. The
frequency of this output clock is 16 times the desired bit rate.
(3)
Transmitting and Receiving Data
• SCIF Initialization (Asynchronous Mode)
Before transmitting or receiving, clear the TE and RE bits to 0 in the serial control register
(SCSCR), then initialize the SCIF as follows.
When changing the operation mode or the communication format, always clear the TE and RE bits
to 0 before following the procedure given below. Clearing TE to 0 initializes the transmit shift
register (SCTSR). Clearing TE and RE to 0, however, does not initialize the serial status register
(SCFSR), transmit FIFO data register (SCFTDR), or receive FIFO data register (SCFRDR), which
retain their previous contents. Clear TE to 0 after all transmit data has been transmitted and the
TEND flag in the SCFSR is set. The TE bit can be cleared to 0 during transmission, but the
transmit data goes to the Mark state after the bit is cleared to 0. Set the TFRST bit in SCFCR to 1
and reset SCFTDR before TE is set again to start transmission.
When an external clock is used, the clock should not be stopped during initialization or subsequent
operation. SCIF operation becomes unreliable if the clock is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com