Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 723 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 723 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 719Page - Renesas Technology Corp SH7261 Datasheet HTML 720Page - Renesas Technology Corp SH7261 Datasheet HTML 721Page - Renesas Technology Corp SH7261 Datasheet HTML 722Page - Renesas Technology Corp SH7261 Datasheet HTML 723Page - Renesas Technology Corp SH7261 Datasheet HTML 724Page - Renesas Technology Corp SH7261 Datasheet HTML 725Page - Renesas Technology Corp SH7261 Datasheet HTML 726Page - Renesas Technology Corp SH7261 Datasheet HTML 727Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 691 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
DR
0
R/(W)* Receive Data Ready
Indicates that the quantity of data in the receive FIFO
data register (SCFRDR) is less than the specified
receive trigger number, and that the next data has not
yet been received after the elapse of 15 ETU from the
last stop bit in asynchronous mode. In clocked
synchronous mode, this bit is not set to 1.
0: Receiving is in progress, or no receive data
remains in SCFRDR after receiving ended normally
[Clearing conditions]
• DR is cleared to 0 when the chip undergoes a
power-on reset
• DR is cleared to 0 when all receive data are read
after 1 is read from DR and then 0 is written
• DR is cleared to 0 when all receive data in
SCFRDR are read after the DMAC is activated by
the receive FIFO data full interrupt (RXI)
1: Next receive data has not been received
[Setting condition]
• DR is set to 1 when SCFRDR contains less data
than the specified receive trigger number, and the
next data has not yet been received after the
elapse of 15 ETU from the last stop bit. *
1
Note: 1. This is equivalent to 1.5 frames with the 8-bit,
1-stop-bit format. (ETU: elementary time unit)
Note:
*
Only 0 can be written to clear the flag after 1 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com