Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 719 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 719 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 715Page - Renesas Technology Corp SH7261 Datasheet HTML 716Page - Renesas Technology Corp SH7261 Datasheet HTML 717Page - Renesas Technology Corp SH7261 Datasheet HTML 718Page - Renesas Technology Corp SH7261 Datasheet HTML 719Page - Renesas Technology Corp SH7261 Datasheet HTML 720Page - Renesas Technology Corp SH7261 Datasheet HTML 721Page - Renesas Technology Corp SH7261 Datasheet HTML 722Page - Renesas Technology Corp SH7261 Datasheet HTML 723Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 719 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 687 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
TDFE
1
R/(W)* Transmit FIFO Data Empty
Indicates that data has been transferred from the
transmit FIFO data register (SCFTDR) to the transmit
shift register (SCTSR), the quantity of data in
SCFTDR has become less than the transmission
trigger number specified by the TTRG1 and TTRG0
bits in the FIFO control register (SCFCR), and writing
of transmit data to SCFTDR is enabled.
0: The quantity of transmit data written to SCFTDR is
greater than the specified transmission trigger
number
[Clearing conditions]
• TDFE is cleared to 0 when data exceeding the
specified transmission trigger number is written to
SCFTDR after 1 is read from TDFE and then 0 is
written
• TDFE is cleared to 0 when the DMAC is activated
by the transmit FIFO data empty interrupt (TXI)
and writes data exceeding the specified
transmission trigger number to SCFTDR
1: The quantity of transmit data in SCFTDR is less
than or equal to the specified transmission trigger
number*
1
[Setting conditions]
• TDFE is set to 1 by a power-on reset
• TDFE is set to 1 when the quantity of transmit
data in SCFTDR becomes less than or equal to
the specified transmission trigger number as a
result of transmission
Note: 1. Since SCFTDR is a 16-byte FIFO register,
the maximum quantity of data that can be
written when TDFE is 1 is "16 minus the
specified transmission trigger number". If an
attempt is made to write additional data, the
data is ignored. The quantity of data in
SCFTDR is indicated by the upper 8 bits of
SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com