Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 720 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 720 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 716Page - Renesas Technology Corp SH7261 Datasheet HTML 717Page - Renesas Technology Corp SH7261 Datasheet HTML 718Page - Renesas Technology Corp SH7261 Datasheet HTML 719Page - Renesas Technology Corp SH7261 Datasheet HTML 720Page - Renesas Technology Corp SH7261 Datasheet HTML 721Page - Renesas Technology Corp SH7261 Datasheet HTML 722Page - Renesas Technology Corp SH7261 Datasheet HTML 723Page - Renesas Technology Corp SH7261 Datasheet HTML 724Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 688 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
BRK
0
R/(W)* Break Detection
Indicates that a break signal has been detected in
receive data.
0: No break signal received
[Clearing conditions]
• BRK is cleared to 0 when the chip is a power-on
reset
• BRK is cleared to 0 when software reads BRK
after it has been set to 1, then writes 0 to BRK
1: Break signal received*
1
[Setting condition]
• BRK is set to 1 when data including a framing
error is received, and a framing error occurs with
space 0 in the subsequent receive data
Note: 1. When a break is detected, transfer of the
receive data (H'00) to SCFRDR stops after
detection. When the break ends and the
receive signal becomes mark 1, the transfer
of receive data resumes.
3
FER
0
R
Framing Error Indication
Indicates a framing error in the data read from the
next receive FIFO data register (SCFRDR) in
asynchronous mode.
0: No receive framing error occurred in the next data
read from SCFRDR
[Clearing conditions]
• FER is cleared to 0 when the chip undergoes a
power-on reset
• FER is cleared to 0 when no framing error is
present in the next data read from SCFRDR
1: A receive framing error occurred in the next data
read from SCFRDR.
[Setting condition]
• FER is set to 1 when a framing error is present in
the next data read from SCFRDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com