Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 722 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 722 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 718Page - Renesas Technology Corp SH7261 Datasheet HTML 719Page - Renesas Technology Corp SH7261 Datasheet HTML 720Page - Renesas Technology Corp SH7261 Datasheet HTML 721Page - Renesas Technology Corp SH7261 Datasheet HTML 722Page - Renesas Technology Corp SH7261 Datasheet HTML 723Page - Renesas Technology Corp SH7261 Datasheet HTML 724Page - Renesas Technology Corp SH7261 Datasheet HTML 725Page - Renesas Technology Corp SH7261 Datasheet HTML 726Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 690 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
RDF
0
R/(W)* Receive FIFO Data Full
Indicates that receive data has been transferred to the
receive FIFO data register (SCFRDR), and the
quantity of data in SCFRDR has become more than
the receive trigger number specified by the RTRG1
and RTRG0 bits in the FIFO control register
(SCFCR).
0: The quantity of transmit data written to SCFRDR is
less than the specified receive trigger number
[Clearing conditions]
• RDF is cleared to 0 by a power-on reset, standby
mode
• RDF is cleared to 0 when the SCFRDR is read
until the quantity of receive data in SCFRDR
becomes less than the specified receive trigger
number after 1 is read from RDF and then 0 is
written
• RDF is cleared to 0 when DMAC read SCFRDR
until the quantity of receive data in SCFRDR
becomes less than the specified receive trigger
number
1: The quantity of receive data in SCFRDR is more
than the specified receive trigger number
[Setting condition]
• RDF is set to 1 when a quantity of receive data
more than the specified receive trigger number is
stored in SCFRDR*
1
Note: 1. As SCFTDR is a 16-byte FIFO register, the
maximum quantity of data that can be read
when RDF is 1 becomes the specified
receive trigger number. If an attempt is made
to read after all the data in SCFRDR has
been read, the data is undefined. The
quantity of receive data in SCFRDR is
indicated by the lower 8 bits of SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com