Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 998 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 998 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 994Page - Renesas Technology Corp SH7261 Datasheet HTML 995Page - Renesas Technology Corp SH7261 Datasheet HTML 996Page - Renesas Technology Corp SH7261 Datasheet HTML 997Page - Renesas Technology Corp SH7261 Datasheet HTML 998Page - Renesas Technology Corp SH7261 Datasheet HTML 999Page - Renesas Technology Corp SH7261 Datasheet HTML 1000Page - Renesas Technology Corp SH7261 Datasheet HTML 1001Page - Renesas Technology Corp SH7261 Datasheet HTML 1002Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 998 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 966 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
ST_ECCQ
0
R
Indicates that Q-parity errors were not corrected in ECC
correction.
This bit is only valid when synchronization is normal
(the sector is neither short nor long).
This bit is set to 1 when the result of syndrome
calculation for Q parity is non-0.
1
ST_EDC1
0
R
Indicates that the result of the EDC check before ECC
correction was 'fail'.
This bit is also set to 1 if a short sector is encountered
while EDC is enabled.
0
ST_EDC2
0
R
Indicates that the result of the EDC check after ECC
correction was 'fail'.
21.3.14
Buffer Status Register (CBUFST0)
CBUFST0 indicates that the system is searching for the first sector to be buffered, or that
buffering is in progress.
76543210
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
BUF_
REF
BUF_
ACT
————
—
—
Bit
Bit Name
Initial
Value
R/W
Description
7
BUF_REF
0
R
Indicates that the search for the first sector to be
buffered is in progress.
This bit is only valid when the automatic buffering
function is used (CBUF_AUT = 1).
6
BUF_ACT
0
R
Indicates that buffering is in progress.
5 to 0
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com