Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 996 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 996 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 992Page - Renesas Technology Corp SH7261 Datasheet HTML 993Page - Renesas Technology Corp SH7261 Datasheet HTML 994Page - Renesas Technology Corp SH7261 Datasheet HTML 995Page - Renesas Technology Corp SH7261 Datasheet HTML 996Page - Renesas Technology Corp SH7261 Datasheet HTML 997Page - Renesas Technology Corp SH7261 Datasheet HTML 998Page - Renesas Technology Corp SH7261 Datasheet HTML 999Page - Renesas Technology Corp SH7261 Datasheet HTML 1000Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 996 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 964 of 1312
REJ09B0320-0200
21.3.12
Mode Determination and Link Sector Detection Status Register (CROMST5)
CROMST5 indicates the result of automatic mode determination and link block detection.
76543210
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
ST_AMD[2:0]
ST_
MDX
LINK_
ON
LINK_
DET
LINK_
SDET
LINK_
OUT1
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
ST_AMD
[2:0]
000
R
Result of Automatic Mode Determination
These bits indicate the result of mode determination
when the automatic mode determination function is
used.
000: Automatic mode determination function is not used
001: Mode 0
010: Mode 1
011:
100: Mode 2 not XA
101: Mode 2 Form 1
110: Mode 2 Form 2
111:
4
ST_MDX
0
R
Indicates that, when the mode has been manually set
rather than automatically determined, the mode setting
disagrees with the mode as recognized by the logic. In
this case, the manually set value takes priority.
3
LINK_ON
0
R
This bit is set to 1 when a link block was recognized in
link block determination.
For the criteria for link block determination, refer to the
LINK2 bit in the CROMCTL4 register.
When this bit is set to 1, buffering control is performed
according to the setting of the CBUF_LINK bit in the
CBUFCTL0 register.
2
LINK_DET
0
R
Indicates that a link block (run-out 1 to run-in 4) was
detected.
Since detection is based on the data before ECC
correction, LINK_DET may also be set to 1 if data
erroneously happens to contain the same code as a link
block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com