Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 995 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 995 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 991Page - Renesas Technology Corp SH7261 Datasheet HTML 992Page - Renesas Technology Corp SH7261 Datasheet HTML 993Page - Renesas Technology Corp SH7261 Datasheet HTML 994Page - Renesas Technology Corp SH7261 Datasheet HTML 995Page - Renesas Technology Corp SH7261 Datasheet HTML 996Page - Renesas Technology Corp SH7261 Datasheet HTML 997Page - Renesas Technology Corp SH7261 Datasheet HTML 998Page - Renesas Technology Corp SH7261 Datasheet HTML 999Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 995 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 963 of 1312
REJ09B0320-0200
21.3.11
Header/Subheader Validity Check Status Register (CROMST4)
CROMST4 indicates errors relating to the automatic mode determination or form determination
for Mode 2.
76543210
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
NG_MD
NG_
MDCMP1
NG_
MDCMP2
NG_
MDCMP3
NG_
MDCMP4
NG_
MDDEF
NG_
MDTIM1
NG_
MDTIM2
Bit
Bit Name
Initial
Value
R/W
Description
7
NG_MD
0
R
Indicates that the sector mode could not be determined
according to the automatic mode determination criteria.
6
NG_MDCMP1
0
R
Indicates a mismatch between the file number bytes
(bytes 16 and 20) during the form determination for
Mode 2.
5
NG_MDCMP2
0
R
Indicates a mismatch between the channel number
bytes (bytes 17 and 21) during the form determination
for Mode 2.
4
NG_MDCMP3
0
R
Indicates a mismatch between the sub-mode bytes
(bytes 18 and 22) during the form determination for
Mode 2.
3
NG_MDCMP4
0
R
Indicates a mismatch between the data-type bytes
(bytes 19 and 23) during the form determination for
Mode 2.
2
NG_MDDEF
0
R
Indicates that the mode and form differ from those of
the previous sector.
1
NG_MDTIM1
0
R
Indicates that the minutes, seconds, or frames (1/75
second) value is out of sequence.
In the continuity check for the next and subsequent
sectors, the updated values will be used.
0
NG_MDTIM2
0
R
Indicates that the minutes, seconds, or frames (1/75
second) value was not a BCD value.
Specifically, this bit means that any half-byte was
beyond the range for BCD (i.e. was A to F), HEAD01
was greater than H'59, or HEAD02 was greater than
H'74.
In the continuity check for the next and subsequent
sectors, interpolated values will be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com