Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 991 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 991 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 987Page - Renesas Technology Corp SH7261 Datasheet HTML 988Page - Renesas Technology Corp SH7261 Datasheet HTML 989Page - Renesas Technology Corp SH7261 Datasheet HTML 990Page - Renesas Technology Corp SH7261 Datasheet HTML 991Page - Renesas Technology Corp SH7261 Datasheet HTML 992Page - Renesas Technology Corp SH7261 Datasheet HTML 993Page - Renesas Technology Corp SH7261 Datasheet HTML 994Page - Renesas Technology Corp SH7261 Datasheet HTML 995Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 991 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 959 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
ER0SEL
0
R/W
CD-ROM Data-Related Status Register Setting
Condition
0: Information is on the sector being decoded.
1: Information is on the latest sector that has been
buffered.
This condition affects the information given by bits 5 to
0 in the CROMST0 register, bits 7 to 1 in the
CROMST4 and CROMST5 registers, and HEAD00 to
HEAD02.
3
NO_ECC
0
R/W
ECC correction mode when the result of the EDC check
before ECC correction was 'pass'
When this bit is set to 1, ECC correction is not
performed if the result of pre-correction EDC checking
is a 'pass', regardless of the results of syndrome
calculation.
2 to 0
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
Note:
The setting of this register is reapplied on each sector-to-sector transition.
21.3.7
HEAD20 to HEAD22 Representation Control Register (CROMCTL5)
CROMCTL5 specifies the representation mode for HEAD20 to HEAD22.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
—
————
—
MSF_
LBA_SEL
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
0
MSF_LBA_
SEL
0
R/W
HEAD20 to HEAD22 Representation Mode
0: BCD M, F, and S values in the header as is
1: Total sector number in HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com