Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 990 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 990 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 986Page - Renesas Technology Corp SH7261 Datasheet HTML 987Page - Renesas Technology Corp SH7261 Datasheet HTML 988Page - Renesas Technology Corp SH7261 Datasheet HTML 989Page - Renesas Technology Corp SH7261 Datasheet HTML 990Page - Renesas Technology Corp SH7261 Datasheet HTML 991Page - Renesas Technology Corp SH7261 Datasheet HTML 992Page - Renesas Technology Corp SH7261 Datasheet HTML 993Page - Renesas Technology Corp SH7261 Datasheet HTML 994Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 990 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 958 of 1312
REJ09B0320-0200
21.3.6
Decoding Option Setting Control Register (CROMCTL4)
CROMCTL4 enables/disables buffering control at link block detection, specifies the information
indicated by the status register, and controls the ECC correction mode. The setting of this register
becomes valid at the sector-to-sector transition
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LINK
OFF
LINK2
—
ER0
SEL
NO_
ECC
———
Bit
Bit Name
Initial
Value
R/W
Description
7
LINKOFF
0
R/W
Buffering Control at Link Block Detection
0: On
1: Off
When this bit is set to 1, buffering control is not
performed when a link block is detected. The link block
is processed as normal sectors.
However, link-block detection processing does proceed,
and the results are reflected in the values of bits 3 to 0
in the CROMST5 register.
6
LINK2
0
R/W
Link Block Detection Condition
0: The block is regarded as a link block when either
run-out 1 or 2 and both run-in 3 and 4 have been
detected.
1: The block is regarded as a link block when two out
of run-out 1 and 2 and "link" have been detected.
When this bit is set to 1, buffering control for link blocks
is disabled (link blocks are processed as normal
sectors). The condition for setting of the LINK_ON bit in
CROMST5 is decoding of the link sector.
5
0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com