Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 989 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 989 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 985Page - Renesas Technology Corp SH7261 Datasheet HTML 986Page - Renesas Technology Corp SH7261 Datasheet HTML 987Page - Renesas Technology Corp SH7261 Datasheet HTML 988Page - Renesas Technology Corp SH7261 Datasheet HTML 989Page - Renesas Technology Corp SH7261 Datasheet HTML 990Page - Renesas Technology Corp SH7261 Datasheet HTML 991Page - Renesas Technology Corp SH7261 Datasheet HTML 992Page - Renesas Technology Corp SH7261 Datasheet HTML 993Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 989 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 957 of 1312
REJ09B0320-0200
21.3.5
Automatic Decoding Stop Control Register (CROMCTL3)
CROMCTL3 is used to select abnormal conditions on which decoding will be automatically
stopped. When decoding is stopped in response to any of the selected conditions, an IBUF
interrupt is generated and the condition is indicated in the CBUFST1 register. The setting of this
register becomes valid at the sector-to-sector transition
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
STP_
ECC
STP_
EDC
—
STP_
MD
STP_
MIN
———
Bit
Bit Name
Initial
Value
R/W
Description
7
STP_ECC
0
R/W
When this bit is set to 1, decoding is stopped if an error
is found to be not correctable by ECC correction.
6
STP_EDC
0
R/W
When this bit is set to 1, decoding is stopped if post-
correction EDC checking indicates an error.
5
0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.
4
STP_MD
0
R/W
When this bit is set to 1, decoding is stopped if the
sector has a mode or form setting that does not match
those of the immediately preceding sector.
3
STP_MIN
0
R/W
When this bit is set to 1, decoding is stopped if a non-
sequential minutes, seconds, or frames (1/75 second)
value is encountered.
2 to 0
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
Note:
The setting of this register is reapplied on each sector-to-sector transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com