Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 988 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 988 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 984Page - Renesas Technology Corp SH7261 Datasheet HTML 985Page - Renesas Technology Corp SH7261 Datasheet HTML 986Page - Renesas Technology Corp SH7261 Datasheet HTML 987Page - Renesas Technology Corp SH7261 Datasheet HTML 988Page - Renesas Technology Corp SH7261 Datasheet HTML 989Page - Renesas Technology Corp SH7261 Datasheet HTML 990Page - Renesas Technology Corp SH7261 Datasheet HTML 991Page - Renesas Technology Corp SH7261 Datasheet HTML 992Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 988 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 956 of 1312
REJ09B0320-0200
21.3.4
EDC/ECC Check Control Register (CROMCTL1)
CROMCTL1 controls EDC/ECC checking. The setting of this register becomes valid at the sector-
to-sector transition
76543210
Bit:
Initial value:
R/W:
11010001
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
M2F2
EDC
MD_DEC[2:0]
MD_PQREP
[1:0]
——
Bit
Bit Name
Initial
Value
R/W
Description
7
M2F2EDC
1
R/W
For Mode 2 Form 2, disables the EDC function for
sectors where all bits of the EDC are 0.
When this bit set to 1 and all bits of the EDC for a Mode
2 Form 2 sector are 0, an IERR interrupt is not
generated even if the result of EDC checking is 'fail'.
6 to 4
MD_DEC
[2:0]
101
R/W
EDC/ECC Checking Mode Select
000: No checking
001: EDC only
010: Q correction + EDC
011: P correction + EDC
100: QP correction + EDC
101: PQ correction + EDC
110: Setting prohibited
111: Setting prohibited
3, 2
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
1, 0
MD_PQREP
[1:0]
01
R/W
Number of correction iterations when PQ- or QP-
correction is specified by MD_DEC[2:0].
00: Setting prohibited
01: One iteration
10: Two iterations
11: Three iterations
Note:
The setting of this register is reapplied on each sector-to-sector transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com