Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 984 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 984 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 980Page - Renesas Technology Corp SH7261 Datasheet HTML 981Page - Renesas Technology Corp SH7261 Datasheet HTML 982Page - Renesas Technology Corp SH7261 Datasheet HTML 983Page - Renesas Technology Corp SH7261 Datasheet HTML 984Page - Renesas Technology Corp SH7261 Datasheet HTML 985Page - Renesas Technology Corp SH7261 Datasheet HTML 986Page - Renesas Technology Corp SH7261 Datasheet HTML 987Page - Renesas Technology Corp SH7261 Datasheet HTML 988Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 984 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 952 of 1312
REJ09B0320-0200
21.3.1
ROM-DEC Enable Control Register (CROMEN)
CROMEN enables subcode processing and CD-ROM decoding, and stops CD-ROM decoding
forcibly.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SUBC_
EN
CROM_
EN
CROM_
STP
—
—
———
Bit
Bit Name
Initial
Value
R/W
Description
7
SUBC_EN
0
R/W
Subcode Processing Enable
This bit should be set and cleared simultaneously with
CROM_EN. It is automatically cleared when decoding
is automatically stopped due to an abnormal condition
or when CROM_STP = 1
6
CROM_EN
0
R/W
CD-ROM Decoding Enable
When this bit is set to 1, CD-ROM decoding starts after
detection of a valid sync code. When the bit is cleared
to 0, decoding stops on completion of the processing for
the sector currently being decoded.
This bit is automatically cleared when the automatic
decode-stopping function woks or when CROM_STP =
1.
5
CROM_STP 0
R/W
Forcible Stop of CD-ROM Decoding
When this bit is set to 1, CD-ROM decoding is stopped
immediately and the SUBC_EN and CROM_EN bits are
automatically reset to 0. Before decoding can resume,
this bit must be cleared to 0.
4 to 0
All 0
R/W
Reserved
These bits are always read as 0.The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com