Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 985 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 985 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 981Page - Renesas Technology Corp SH7261 Datasheet HTML 982Page - Renesas Technology Corp SH7261 Datasheet HTML 983Page - Renesas Technology Corp SH7261 Datasheet HTML 984Page - Renesas Technology Corp SH7261 Datasheet HTML 985Page - Renesas Technology Corp SH7261 Datasheet HTML 986Page - Renesas Technology Corp SH7261 Datasheet HTML 987Page - Renesas Technology Corp SH7261 Datasheet HTML 988Page - Renesas Technology Corp SH7261 Datasheet HTML 989Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 985 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 953 of 1312
REJ09B0320-0200
21.3.2
Sync Code-Based Synchronization Control Register (CROMSY0)
CROMSY0 selects the sync code maintenance function.
76543210
Bit:
Initial value:
R/W:
10001001
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SY_
AUT
SY_
IEN
SY_
DEN
—
—
———
Bit
Bit Name
Initial
Value
R/W
Description
7
SY_AUT
1
R/W
Automatic CD-ROM Sync Code Maintenance Mode
When this bit is set to 1, automatic sync maintenance
(insertion of sync codes) is applied to obtain the CD-
ROM sync codes. While this bit is set, the settings of
the SY_IEN and SY_DEN bits are invalid.
6
SY_IEN
0
R/W
Enables the internal sync signal that is produced by the
counter in the CD-ROM decoder.
When this bit is set while SY_AUT = 0, synchronization
of the CD-ROM data is in interpolated mode, i.e. driven
by the internal counter.
5
SY_DEN
0
R/W
Selects constant monitoring for the sync code in the
input data and bases synchronization solely on
detection of the code, regardless of the value of the
internal counter.
This bit is valid when SY_AUT = 0.
4
0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.
3
1
R/W
Reserved
This bit is always read as 1. The write value should
always be 1.
2, 1
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
0
1
R/W
Reserved
This bit is always read as 1. The write value should
always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com