Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 987 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 987 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 983Page - Renesas Technology Corp SH7261 Datasheet HTML 984Page - Renesas Technology Corp SH7261 Datasheet HTML 985Page - Renesas Technology Corp SH7261 Datasheet HTML 986Page - Renesas Technology Corp SH7261 Datasheet HTML 987Page - Renesas Technology Corp SH7261 Datasheet HTML 988Page - Renesas Technology Corp SH7261 Datasheet HTML 989Page - Renesas Technology Corp SH7261 Datasheet HTML 990Page - Renesas Technology Corp SH7261 Datasheet HTML 991Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 987 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 955 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
MD_AUTOS1
0
R/W
Criteria for Mode Determination when MD_AUTO = 1
0: Mode determination is done when the sync code is
detected
1: Mode determination is always done
This bit is only valid when MD_AUTO = 1. If the mode
cannot be determined, the mode of the previous sector
is used. When this bit is cleared to 0, mode
determination is only done when the sync code is
detected for the sector.
3
MD_AUTOS2
0
R/W
Criteria for Mode 2 Form Determination when
MD_AUTO = 1
0: The sector is assumed to be non-XA if the two form
code bytes in the subheader do not match
1: No determination of XA or non-XA for the sector.
The first form byte is regarded as valid. However,
the two form bytes are compared, and the result is
reflected in a status bit.
This bit is only valid when MD_AUTO = 1.
2 to 0
MD_SEC[2:0]
010
R/W
Sector Type
000: Setting prohibited
001: Mode 0
010: Mode 1
011: Long (Mode 0, Mode 1, or Mode 2 with no
EDC/ECC data)
100: Setting prohibited
101: Mode 2 Form 1
110: Mode 2 Form 2
111: Mode 2 with automatic form detection
If the form cannot be determined when set to B'111, it is
processed as Mode 2 not XA.
Note:
The setting of this register is reapplied on each sector-to-sector transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com