Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 997 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 997 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 993Page - Renesas Technology Corp SH7261 Datasheet HTML 994Page - Renesas Technology Corp SH7261 Datasheet HTML 995Page - Renesas Technology Corp SH7261 Datasheet HTML 996Page - Renesas Technology Corp SH7261 Datasheet HTML 997Page - Renesas Technology Corp SH7261 Datasheet HTML 998Page - Renesas Technology Corp SH7261 Datasheet HTML 999Page - Renesas Technology Corp SH7261 Datasheet HTML 1000Page - Renesas Technology Corp SH7261 Datasheet HTML 1001Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 997 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 965 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
LINK_SDET
0
R
Indicates that a link block was detected within seven
sectors after the start of decoding.
0
LINK_OUT1
0
R
Indicates that the sector after ECC correction has been
identified as a run-out 1 sector.
This bit is only valid when an IERR interrupt is not
generated (i.e. when ECC correction was successful).
21.3.13
ECC/EDC Error Status Register (CROMST6)
CROMST6 indicates ECC processing error or EDC check error before/after ECC correction.
76543210
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
ST_
ERR
—
ST_
ECCABT
ST_
ECCNG
ST_
ECCP
ST_
ECCQ
ST_
EDC1
ST_
EDC2
Bit
Bit Name
Initial
Value
R/W
Description
7
ST_ERR
0
R
Indicates that the decoded block after ECC correction
contains any error (even in a single byte).
6
0
R
Reserved
This bit is always read as 0 and cannot be modified.
5
ST_ECCABT
0
R
Indicates that ECC processing was discontinued.
This bit is set to 1 when a transition from sector to
sector occurs while ECC correction is in progress. This
does not indicate a problem for ECC correction if the
BUF_NG bit in the CBUFST2 register is 0 at the same
time. Whether or not this is so depends on the timing of
the sector transition.
4
ST_ECCNG
0
R
Indicates that error correction was not possible.
This bit is also set to 1 on detection of a short sector.
3
ST_ECCP
0
R
Indicates that P-parity errors were not corrected in ECC
correction.
This bit is only valid when synchronization is normal
(the sector is neither short nor long).
This bit is set to 1 when the result of syndrome
calculation for P parity is non-0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com