Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 160Page - Renesas Technology Corp SH7261 Datasheet HTML 161Page - Renesas Technology Corp SH7261 Datasheet HTML 162Page - Renesas Technology Corp SH7261 Datasheet HTML 163Page - Renesas Technology Corp SH7261 Datasheet HTML 164Page - Renesas Technology Corp SH7261 Datasheet HTML 165Page - Renesas Technology Corp SH7261 Datasheet HTML 166Page - Renesas Technology Corp SH7261 Datasheet HTML 167Page - Renesas Technology Corp SH7261 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 1348 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 132 of 1312
REJ09B0320-0200
6.3.9
Bank Number Register (IBNR)
IBNR is a 16-bit register that enables or disables use of register banks and register bank overflow
exception. IBNR also indicates the bank number to which saving is performed next through the
bits BN3 to BN0.
IBNR is initialized to H'0000 by a power-on reset or in deep standby mode.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
0
R
0
R
0
R
BN[3:0]*
0
R
0
R
—
0
R
—
0
R
—
0
R
—
0
R
—
0
R
—
0
R
—
0
R
—
0
R
—
0
R/W
BOVE
BE[1:0]
0
R/W
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
15, 14
BE[1:0]
00
R/W
Register Bank Enable
These bits enable or disable use of register banks.
00: Use of register banks is disabled for all interrupts.
The setting of IBCR is ignored.
01: Use of register banks is enabled for all interrupts
except NMI and user break. The setting of IBCR is
ignored.
10: Reserved (setting prohibited)
11: Use of register banks is controlled by the setting of
IBCR.
13
BOVE
0
R/W
Register Bank Overflow Enable
Enables of disables register bank overflow exception.
0: Generation of register bank overflow exception is
disabled
1: Generation of register bank overflow exception is
enabled
12 to 4
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com