Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 159Page - Renesas Technology Corp SH7261 Datasheet HTML 160Page - Renesas Technology Corp SH7261 Datasheet HTML 161Page - Renesas Technology Corp SH7261 Datasheet HTML 162Page - Renesas Technology Corp SH7261 Datasheet HTML 163Page - Renesas Technology Corp SH7261 Datasheet HTML 164Page - Renesas Technology Corp SH7261 Datasheet HTML 165Page - Renesas Technology Corp SH7261 Datasheet HTML 166Page - Renesas Technology Corp SH7261 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 1348 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 131 of 1312
REJ09B0320-0200
6.3.8
Bank Control Register (IBCR)
IBCR is a 16-bit register that enables or disables use of register banks for each interrupt priority
level. IBCR is initialized to H'0000 by a power-on reset or in deep standby mode.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
—
Bit
Bit Name
Initial
Value
R/W
Description
15
E15
0
R/W
14
E14
0
R/W
13
E13
0
R/W
12
E12
0
R/W
11
E11
0
R/W
10
E10
0
R/W
9
E9
0
R/W
8
E8
0
R/W
7
E7
0
R/W
6
E6
0
R/W
5
E5
0
R/W
4
E4
0
R/W
3
E3
0
R/W
2
E2
0
R/W
1
E1
0
R/W
Enable
These bits enable or disable use of register banks for
interrupt priority levels 15 to 1. However, use of register
banks is always disabled for the user break interrupts.
0: Use of register banks is disabled
1: Use of register banks is enabled
0
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com