Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 208Page - Renesas Technology Corp SH7261 Datasheet HTML 209Page - Renesas Technology Corp SH7261 Datasheet HTML 210Page - Renesas Technology Corp SH7261 Datasheet HTML 211Page - Renesas Technology Corp SH7261 Datasheet HTML 212Page - Renesas Technology Corp SH7261 Datasheet HTML 213Page - Renesas Technology Corp SH7261 Datasheet HTML 214Page - Renesas Technology Corp SH7261 Datasheet HTML 215Page - Renesas Technology Corp SH7261 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 1348 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 180 of 1312
REJ09B0320-0200
7.4.4
Value of Saved Program Counter
When a user break interrupt request is received, the address of the instruction from where
execution is to be resumed is saved to the stack, and the exception handling state is entered. If the
C bus (FAB)/instruction fetch cycle is specified as a break condition, the instruction at which the
break should occur can be uniquely determined. If the C bus/data access cycle or I bus/data access
cycle is specified as a break condition, the instruction at which the break should occur cannot be
uniquely determined.
1. When C bus (FAB)/instruction fetch (before instruction execution) is specified as a break
condition:
The address of the instruction that matched the break condition is saved to the stack. The
instruction that matched the condition is not executed, and the break occurs before it.
However, when a delay slot instruction matches the condition, the instruction is executed, and
the branch destination address is saved to the stack.
2. When C bus (FAB)/instruction fetch (after instruction execution) is specified as a break
condition:
The address of the instruction following the instruction that matched the break condition is
saved to the stack. The instruction that matches the condition is executed, and the break occurs
before the next instruction is executed. However, when a delayed branch instruction or delay
slot matches the condition, the instruction is executed, and the branch destination address is
saved to the stack.
3. When C bus/data access cycle or I bus/data access cycle is specified as a break condition:
The address after executing several instructions of the instruction that matched the break
condition is saved to the stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com