Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 206Page - Renesas Technology Corp SH7261 Datasheet HTML 207Page - Renesas Technology Corp SH7261 Datasheet HTML 208Page - Renesas Technology Corp SH7261 Datasheet HTML 209Page - Renesas Technology Corp SH7261 Datasheet HTML 210Page - Renesas Technology Corp SH7261 Datasheet HTML 211Page - Renesas Technology Corp SH7261 Datasheet HTML 212Page - Renesas Technology Corp SH7261 Datasheet HTML 213Page - Renesas Technology Corp SH7261 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 1348 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 178 of 1312
REJ09B0320-0200
 When a break condition is specified for the I bus, only the data access cycle is monitored.
The instruction fetch cycle (including cache update cycle) is not monitored.
 If a break condition is specified for the I bus, even when the condition matches in an I bus
cycle resulting from an instruction executed by the CPU, at which instruction the break is
to be accepted cannot be clearly defined.
7.4.2
Break on Instruction Fetch Cycle
1. When C bus/instruction fetch/read/word or longword is set in the break bus cycle register
(BBR), the break condition is the FAB bus instruction fetch cycle. Whether a start of user
break interrupt exception processing is set before or after the execution of the instruction can
be selected with the PCB0 or PCB1 bit in the break control register (BRCR) for the
appropriate channel. If an instruction fetch cycle is set as a break condition, clear LSB in the
break address register (BAR) to 0. A break cannot be generated as long as this bit is set to 1.
2. A break for instruction fetch which is set as a break before instruction execution occurs when it
is confirmed that the instruction has been fetched and will be executed. This means a break
does not occur for instructions fetched by overrun (instructions fetched at a branch or during
an interrupt transition, but not to be executed). When this kind of break is set for the delay slot
of a delayed branch instruction, the user break interrupt request is not received until the
execution of the first instruction at the branch destination.
Note:
If a branch does not occur at a delayed branch instruction, the subsequent instruction is
not recognized as a delay slot.
3. When setting a break condition for break after instruction execution, the instruction set with
the break condition is executed and then the break is generated prior to execution of the next
instruction. As with pre-execution breaks, a break does not occur with overrun fetch
instructions. When this kind of break is set for a delayed branch instruction and its delay slot,
the user break interrupt request is not received until the first instruction at the branch
destination.
4. When an instruction fetch cycle is set, the break data register (BDR) is ignored. Therefore,
break data cannot be set for the break of the instruction fetch cycle.
5. If the I bus is set for a break of an instruction fetch cycle, the setting is invalidated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com