Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 256Page - Renesas Technology Corp SH7261 Datasheet HTML 257Page - Renesas Technology Corp SH7261 Datasheet HTML 258Page - Renesas Technology Corp SH7261 Datasheet HTML 259Page - Renesas Technology Corp SH7261 Datasheet HTML 260Page - Renesas Technology Corp SH7261 Datasheet HTML 261Page - Renesas Technology Corp SH7261 Datasheet HTML 262Page - Renesas Technology Corp SH7261 Datasheet HTML 263Page - Renesas Technology Corp SH7261 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 228 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
15 to 12 DREFW
[3:0]
Undefined
R/W
Auto-Refresh Cycle/Self-Refresh Clearing Cycle Count
Setting
These bits specify the number of auto-refresh cycles
and the number of self-refresh clearing cycles. The
DREFW bits can be written to at any time, regardless
of the state of the auto-refresh operation enable
(DRFEN) bit. If auto-refresh is disabled, the value
written to these bits takes effect immediately. If auto-
refresh is enabled, the value written to these bits takes
effect immediately if an auto-refresh cycle is not in
progress. If an auto-refresh cycle is in progress, the
new value takes effect after the cycle completes.
0000: 1 cycle
0001: 2 cycles
0010: 3 cycles
:
1111: 16 cycles
11 to 0
DRFC
[11:0]
Undefined
R/W
Auto-Refresh Request Interval Setting
These bits specify the auto-refresh interval. The DRFC
bits can be written to at any time, regardless of the
state of the auto-refresh operation enable (DRFEN) bit.
If auto-refresh is disabled, the value written to these
bits takes effect immediately. If auto-refresh is enabled,
the value written to these bits is reflected in the
operation of the refresh counter from the next auto-
refresh request generated.
000000000000: Setting prohibited
000000000001: 2 cycles
000000000010: 3 cycles
:
111111111111: 4096 cycles
Note:
Auto-refresh requests are not accepted while multiple read or write accesses are in
progress, or during a transfer using DMAC, so the auto-refresh interval may become
enlarged in some cases. Set the DRFC bits to an auto-refresh request interval value that
satisfies the auto-refresh interval specification of the SDRAM being used. Furthermore,
make sure to set the auto-refresh request interval to a duration longer than the auto-refresh
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com