Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 255Page - Renesas Technology Corp SH7261 Datasheet HTML 256Page - Renesas Technology Corp SH7261 Datasheet HTML 257Page - Renesas Technology Corp SH7261 Datasheet HTML 258Page - Renesas Technology Corp SH7261 Datasheet HTML 259Page - Renesas Technology Corp SH7261 Datasheet HTML 260Page - Renesas Technology Corp SH7261 Datasheet HTML 261Page - Renesas Technology Corp SH7261 Datasheet HTML 262Page - Renesas Technology Corp SH7261 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 227 of 1312
REJ09B0320-0200
9.4.8
SDRAM Refresh Control Register 1 (SDRFCNT1)
SDRFCNT1 controls auto-refresh operation.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
———————————————
———————————————
—
DRFEN
DREFW[3:0]
DRFC[11:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 17
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
16
DRFEN
0
R/W
Auto-Refresh Operation Enable
This bit controls auto-refresh operation for all channels
simultaneously. When DRFEN is cleared to 0, auto-
refresh operation does not take place. Auto-refresh
operates when DRFEN is set to 1. Clearing this bit to 0
while auto-refresh is enabled causes DRFEN to be
cleared to 0, and auto-refresh operation to halt, after
the end of the next auto-refresh cycle. Setting this bit to
1 while auto-refresh is enabled causes auto-refresh
operation to commence as soon as DRFEN is set to 1,
and refresh requests are then generated at fixed
intervals determined by a counter. The interval at which
refresh requests are generated is determined by the
set value of the auto-refresh request interval setting
(DRFC) bits. Refresh requests are not accepted while
SDRAM is being accessed; they must wait until the
access completes. If a SDRAM access and refresh
request are generated at the same time, the refresh
request takes precedence.
0: Auto-refresh disabled
1: Auto-refresh enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com