Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 252Page - Renesas Technology Corp SH7261 Datasheet HTML 253Page - Renesas Technology Corp SH7261 Datasheet HTML 254Page - Renesas Technology Corp SH7261 Datasheet HTML 255Page - Renesas Technology Corp SH7261 Datasheet HTML 256Page - Renesas Technology Corp SH7261 Datasheet HTML 257Page - Renesas Technology Corp SH7261 Datasheet HTML 258Page - Renesas Technology Corp SH7261 Datasheet HTML 259Page - Renesas Technology Corp SH7261 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 224 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
22 to 20 WRON
[2:0]
000
R/W
WR Assert Wait Select
These bits specify the number of wait states inserted
before the external data write signal (
WR3 to WR0) is
asserted.
000: 0 wait state
:
111: 7 wait states
19
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
18 to 16 RDON
[2:0]
000
R/W
RD Assert Wait Select
These bits specify the number of wait states inserted
before the external data read signal (
RD) is asserted.
000: 0 wait state
:
111: 7 wait states
15 to 11
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
10 to 8
WDOFF
[2:0]
000
R/W
Write Data Output Delay Cycle Select
These bits specify the number of cycles from the end of
the wait cycle during write operation (negation of the
WR3 to WR0 signals) and the negation of the external
data bus.
000: 0 wait state
:
111: 7 wait states
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com