Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 293Page - Renesas Technology Corp SH7261 Datasheet HTML 294Page - Renesas Technology Corp SH7261 Datasheet HTML 295Page - Renesas Technology Corp SH7261 Datasheet HTML 296Page - Renesas Technology Corp SH7261 Datasheet HTML 297Page - Renesas Technology Corp SH7261 Datasheet HTML 298Page - Renesas Technology Corp SH7261 Datasheet HTML 299Page - Renesas Technology Corp SH7261 Datasheet HTML 300Page - Renesas Technology Corp SH7261 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 265 of 1312
REJ09B0320-0200
(10) Mode Register Setting
Writing to the SDRAMm mode register (SDmMOD) causes mode register set commands and
extended mode register set commands to be issued to the various channels. Settings to the
SDRAMm mode register (SDmMOD) should be made individually for each channel.
Figure 9.23 shows the operation timing for mode register setting.
CKIO
DSL:
Deselect command
MRS:
Mode register set command
EMRS: Extended mode register set command
SDRAM command
Mode register
setting cycle
Extended mode register
setting cycle
MRS
DSL
DSL
EMRS
DSL
DSL
3 cycles (fixed)
3 cycles (fixed)
Figure 9.23 Operation Timing for Mode Register Setting
(11) Clock Stop Control Signal
SDRAMC outputs a clock stop control signal (CLKSTOP). CLKSTOP can be enabled or disabled
using the DCKSEN bit in the SDRAM clock stop control signal setting register (SDCKSCNT).
The CLKSTOP signal remains low level when the clock stop control signal is disabled.
When clock stop control signal is enabled, the CLKSTOP and CKIO signals operate in
conjunction with transition to and recovery from deep-power-down mode.
During a transition to deep-power-down mode, the CLKSTOP signal goes high after the deep-
power-down entry command is issued. During a recovery from deep-power-down mode, the
CLKSTOP signal goes low and a deep-power-down exit command is issued when the clearing of
the DDPD bit to 0 is accepted by SDRAMC and the CKIO starts operation.
DCKSC, the period between the change of CLKSTOP along with CKIO and the issuance of deep
power-down entry or exit command, can be set by the SDRAM clock stop control signal setting
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com