Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 297Page - Renesas Technology Corp SH7261 Datasheet HTML 298Page - Renesas Technology Corp SH7261 Datasheet HTML 299Page - Renesas Technology Corp SH7261 Datasheet HTML 300Page - Renesas Technology Corp SH7261 Datasheet HTML 301Page - Renesas Technology Corp SH7261 Datasheet HTML 302Page - Renesas Technology Corp SH7261 Datasheet HTML 303Page - Renesas Technology Corp SH7261 Datasheet HTML 304Page - Renesas Technology Corp SH7261 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 269 of 1312
REJ09B0320-0200
(b)
Procedure for Transition to and Recovery from Self-Refresh Mode
Figure 9.27 shows the procedure for transitioning to and recovering from self-refresh mode.
Self-refresh mode
Initialization sequence
(1) Halt any DMA access to SDRAM area
(2) Halt access to all SDRAMC channels (EXENB = 0) by means of program
assigned to other than SDRAM area
(3) Confirm that EXENB has been cleared to 0
Start self-refresh
(1) Confirm that all status bits in SDSTR have been cleared to 0
(2) Set DSFEN bit to 1 by means of program assigned to other than SDRAM area
End self-refresh
(1) Confirm that all status bits in SDSTR have been cleared to 0
(2) Clear DSFEN bit to 0 by means of program assigned to other than SDRAM
area
Access enabled status
(DRFEN = 1, EXENB = 1)
Enable access
Enable access to SDRAMC (EXENB = 1) by means of program assigned to other
than SDRAM area
Access enabled status
(DRFEN = 1, EXENB = 1)
Figure 9.27 Procedure for Transition to and Recovery from Self-Refresh Mode
Note:
Before transitioning to or recovering from self-refresh mode it is necessary to halt
SDRAM access to the affected channels. Consequently, it is not possible to transition to or
recover from self-refresh mode while programs or DMA operations that access SDRAM
are in progress. Pay attention to the following points when writing programs.
• Before transitioning to self-refresh mode, halt any DMA channel transfers that access
the SDRAM area of the affected channels.
• Make sure that programs run while transitioning to self-refresh mode, while in self-
refresh mode, or while recovering from self-refresh mode do not access operands or
fetch (or pre-fetch) instructions stored in the SDRAM area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com