Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 299Page - Renesas Technology Corp SH7261 Datasheet HTML 300Page - Renesas Technology Corp SH7261 Datasheet HTML 301Page - Renesas Technology Corp SH7261 Datasheet HTML 302Page - Renesas Technology Corp SH7261 Datasheet HTML 303Page - Renesas Technology Corp SH7261 Datasheet HTML 304Page - Renesas Technology Corp SH7261 Datasheet HTML 305Page - Renesas Technology Corp SH7261 Datasheet HTML 306Page - Renesas Technology Corp SH7261 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 271 of 1312
REJ09B0320-0200
Figure 9.29 shows the procedure for recovering from deep-power-down mode.
Deep-power-down mode
Access enabled status
(EXENB = 1)
End deep-power-down mode
(1) Confirm that all status bits in SDSTR have been cleared to 0
(2) Clear deep-power-down enable bit to 0 by means of program assigned to
other than to corresponding channel area
Standby
Use a timer, etc., to wait for the same duration as the standby time specified
in the power-on sequence (determined by specifications of SDRAM used)
Initialization sequence
(1) Set initialization sequence start bit (DINIRQm) to 1 by means of program
assigned to other than to corresponding channel area
(2) Wait for initialization sequence start bit (DINISTm) to be cleared to 0
Mode register setting
(1) Perform mode register setting
(2) Perform extended mode register setting
Start auto-refresh
Set DRFEN bit in SDRFCNT1 to 1
Figure 9.29 Procedure for Recovery from Deep-Power-Down Mode
Note:
Before transitioning to or recovering from deep-power-down mode it is necessary to halt
SDRAM access to the affected channels. Consequently, it is not possible to transition to or
recover from deep-power-down mode while programs or DMA operations that access
SDRAM are in progress. Pay attention to the following points when writing programs.
• Before transitioning to deep-power-down mode, halt any DMA channel transfers that
access the SDRAM area of the affected channels.
• Make sure that programs run while transitioning to deep-power-down mode, while in
deep-power-down mode, or while recovering from deep-power-down mode do not
access operands or fetch (or pre-fetch) instructions stored in the SDRAM area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com