Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 392Page - Renesas Technology Corp SH7672 Datasheet HTML 393Page - Renesas Technology Corp SH7672 Datasheet HTML 394Page - Renesas Technology Corp SH7672 Datasheet HTML 395Page - Renesas Technology Corp SH7672 Datasheet HTML 396Page - Renesas Technology Corp SH7672 Datasheet HTML 397Page - Renesas Technology Corp SH7672 Datasheet HTML 398Page - Renesas Technology Corp SH7672 Datasheet HTML 399Page - Renesas Technology Corp SH7672 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 1292 page
background image
Section 10 Watchdog Timer (WDT)
Rev. 1.00 Nov. 14, 2007 Page 370 of 1262
REJ09B0437-0100
5. The counter stops at the value of H'00.
6. Before changing WTCNT after execution of the frequency change instruction, always confirm
that the value of WTCNT is H'00 by reading from WTCNT.
10.4.3
Using Watchdog Timer Mode
1. Set the WT/
IT bit in WTCSR to 1 to set the type of count clock in the CKS2 to CKS0 bits,
whether this LSI is to be reset internally or not in the RSTE bit in WRCSR, and the initial
value of the counter in WTCNT.
2. Set the TME bit in WTCSR to 1 to start the count in watchdog timer mode.
3. While operating in watchdog timer mode, rewrite the counter periodically to H'00 to prevent
the counter from overflowing.
4. When the counter overflows, the WDT sets the WOVF flag in WRCSR to 1, and the
WDTOVF signal is output externally (figure 10.4). The WDTOVF signal can be used to reset
the system. The
WDTOVF signal is output for 64 × Pφ clock cycles.
5. If the RSTE bit in WRCSR is set to 1, a signal to reset the inside of this LSI can be generated
simultaneously with the
WDTOVF signal. The internal reset signal is output for 128 × Pφ
clock cycles.
6. When a WDT overflow reset is generated simultaneously with a reset input on the
RES pin,
the
RES pin reset takes priority, and the WOVF bit in WRCSR is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com