Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 395Page - Renesas Technology Corp SH7672 Datasheet HTML 396Page - Renesas Technology Corp SH7672 Datasheet HTML 397Page - Renesas Technology Corp SH7672 Datasheet HTML 398Page - Renesas Technology Corp SH7672 Datasheet HTML 399Page - Renesas Technology Corp SH7672 Datasheet HTML 400Page - Renesas Technology Corp SH7672 Datasheet HTML 401Page - Renesas Technology Corp SH7672 Datasheet HTML 402Page - Renesas Technology Corp SH7672 Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 1292 page
background image
Section 10 Watchdog Timer (WDT)
Rev. 1.00 Nov. 14, 2007 Page 373 of 1262
REJ09B0437-0100
10.5
Usage Notes
Pay attention to the following points when using the WDT in either the interval timer or watchdog
timer mode.
10.5.1
Timer Variation
After timer operation has started, the period from the power-on reset point to the first count up
timing of WTCNT varies depending on the time period that is set by the TME bit of WTCSR. The
shortest such time period is thus one cycle of the peripheral clock, P
φ, while the longest is the
result of frequency division according to the value in the CKS[2:0] bits. The timing of subsequent
incrementation is in accord with the selected frequency division ratio. Accordingly, this time
difference is referred to as timer variation.
This also applies to the timing of the first incrementation after WTCNT has been written to during
timer operation.
10.5.2
Prohibition against Setting H'FF to WTCNT
When the value in WTCNT reaches H'FF, the WDT assumes that an overflow has occurred.
Accordingly, when H'FF is set in WTCNT, an interval timer interrupt or WDT reset will occur
immediately, regardless of the current clock selection by the CKS[2:0] bits.
10.5.3
System Reset by
WDTOVF Signal
If the
WDTOVF signal is input to the RES pin of this LSI, this LSI cannot be initialized correctly.
Avoid input of the
WDTOVF signal to the RES pin of this LSI through glue logic circuits. To
reset the entire system with the
WDTOVF signal, use the circuit shown in figure 10.6.
RES
WDTOVF
Reset input
(Low active)
Reset signal to
entire system
(Low active)
Figure 10.6 Example of System Reset Circuit Using
WDTOVF Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com