Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 397Page - Renesas Technology Corp SH7672 Datasheet HTML 398Page - Renesas Technology Corp SH7672 Datasheet HTML 399Page - Renesas Technology Corp SH7672 Datasheet HTML 400Page - Renesas Technology Corp SH7672 Datasheet HTML 401Page - Renesas Technology Corp SH7672 Datasheet HTML 402Page - Renesas Technology Corp SH7672 Datasheet HTML 403Page - Renesas Technology Corp SH7672 Datasheet HTML 404Page - Renesas Technology Corp SH7672 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 1292 page
background image
Section 11 Power-Down Modes
Rev. 1.00 Nov. 14, 2007 Page 375 of 1262
REJ09B0437-0100
Section 11 Power-Down Modes
In power-down modes, operation of some of the internal peripheral modules and of the CPU stops.
This leads to reduced power consumption. These modes are canceled by a reset or interrupt.
11.1
Features
11.1.1
Power-Down Modes
This LSI has the following power-down modes and function:
1. Sleep mode
2. Software standby mode
3. Module standby function
Table 11.1 shows the transition conditions for entering the modes from the program execution
state, as well as the CPU and peripheral module states in each mode and the procedures for
canceling each mode.
Table 11.1
States of Power-Down Modes
State*
Power-Down
Mode
Transition Conditions
CPG
CPU
CPU
Register
On-Chip
Memory
On-Chip
Peripheral
Modules
External
Memory
Canceling
Procedure
Sleep mode
Execute SLEEP
instruction with STBY bit
cleared to 0 in STBCR
Runs
Halts
Held
Runs
Runs
Auto-
refreshing
•
Interrupt
•
Reset
•
DMA address
error
Software
standby mode
Execute SLEEP
instruction with STBY bit
set to 1 in STBCR
Halts
Halts
Held
Halts
(contents are
held)
Halts
Self-
refreshing
•
NMI interrupt
•
IRQ interrupt
•
Reset
Module standby
function
Set the MSTP bits in
STBCR2, STBCR3, and
STBCR4 to 1
Runs
Runs
Held
Specified
module halts
(contents are
held)
Specified
module halts
Auto-
refreshing
•
Clear MSTP bit
to 0
•
Reset
Note:
*
The pin state is retained or set to high impedance. For details, see appendix A, Pin
States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com