Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 443Page - Renesas Technology Corp SH7672 Datasheet HTML 444Page - Renesas Technology Corp SH7672 Datasheet HTML 445Page - Renesas Technology Corp SH7672 Datasheet HTML 446Page - Renesas Technology Corp SH7672 Datasheet HTML 447Page - Renesas Technology Corp SH7672 Datasheet HTML 448Page - Renesas Technology Corp SH7672 Datasheet HTML 449Page - Renesas Technology Corp SH7672 Datasheet HTML 450Page - Renesas Technology Corp SH7672 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 1292 page
background image
Section 12 Ethernet Controller (EtherC)
Rev. 1.00 Nov. 14, 2007 Page 421 of 1262
REJ09B0437-0100
12.3.19
IPG Register (IPGR)
IPGR sets the IPG (Inter Packet Gap). This register must not be changed while the transmitting
and receiving functions of the EtherC mode register (ECMR) are enabled. (For details, refer to
section 12.4.6, Operation by IPG Setting.)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
0000000000010100
RRRRRRRRRRR
R/W
R/W
R/W
R/W
R/W
----------------
-----------
IPG[4:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4 to 0
IPG[4:0]
H'13
R/W
Inter Packet Gap
Sets the IPG value every 4-bit time.
H'00: 20-bit time
H'01: 24-bit time
:
:
H'13: 96-bit time (Initial value)
:
:
H'1F: 144-bit time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com