Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 455Page - Renesas Technology Corp SH7672 Datasheet HTML 456Page - Renesas Technology Corp SH7672 Datasheet HTML 457Page - Renesas Technology Corp SH7672 Datasheet HTML 458Page - Renesas Technology Corp SH7672 Datasheet HTML 459Page - Renesas Technology Corp SH7672 Datasheet HTML 460Page - Renesas Technology Corp SH7672 Datasheet HTML 461Page - Renesas Technology Corp SH7672 Datasheet HTML 462Page - Renesas Technology Corp SH7672 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 1292 page
background image
Section 12 Ethernet Controller (EtherC)
Rev. 1.00 Nov. 14, 2007 Page 433 of 1262
REJ09B0437-0100
MDC
(1)
(1)
Write to PHY interface
register
MMD = 0
MDC = 0
Independent bus release
timing relationship
MDO
Figure 12.6 (4) Independent Bus Release Flowchart (IDLE in Write in Figure 12.5)
12.4.5
Magic Packet Detection
The EtherC has a Magic Packet detection function. This function provides a Wake-On-LAN
(WOL) facility that activates various peripheral devices connected to a LAN from the host device
or other source. This makes it possible to construct a system in which a peripheral device receives
a Magic Packet sent from the host device or other source, and activates itself. When the Magic
Packet is detected, data is stored in the FIFO of the E-DMAC by the broadcast packet that has
received data previously and the EtherC is notified of the receiving status. To return to normal
operation from the interrupt processing, initialize the EtherC and E-DMAC by using the SWR bit
in the E-DMAC mode register (EDMR).
With a Magic Packet, reception is performed regardless of the destination address. As a result, this
function is valid, and the WOL pin enabled, only in the case of a match with the destination
address specified by the format in the Magic Packet. Further information on Magic Packets can be
found in the technical documentation published by AMD Corporation.
The procedure for using the WOL function with this LSI is as follows.
1. Disable interrupt source output by means of the various interrupt enable/mask registers.
2. Set the Magic Packet detection enable bit (MPDE) in the EtherC mode register (ECMR).
3. Set the Magic Packet detection interrupt enable bit (MPDIP) in the EtherC interrupt enable
register (ECSIPR) to the enable setting.
4. If necessary, set the CPU operating mode to sleep mode or set supporting functions to module
standby mode.
5. When a Magic Packet is detected, an interrupt is sent to the CPU. The WOL pin notifies
peripheral LSIs that the Magic Packet has been detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com