Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 471Page - Renesas Technology Corp SH7672 Datasheet HTML 472Page - Renesas Technology Corp SH7672 Datasheet HTML 473Page - Renesas Technology Corp SH7672 Datasheet HTML 474Page - Renesas Technology Corp SH7672 Datasheet HTML 475Page - Renesas Technology Corp SH7672 Datasheet HTML 476Page - Renesas Technology Corp SH7672 Datasheet HTML 477Page - Renesas Technology Corp SH7672 Datasheet HTML 478Page - Renesas Technology Corp SH7672 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 449 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
value
R/W
Description
8
TRO
0
R/W
Transmit Retry Over
Indicates that a retry-over condition has occurred
during frame transmission. Total 16 transmission
retries including 15 retries based on the back-off
algorithm are failed after the EtherC transmission
starts.
0: Transmit retry-over condition not detected
1: Transmit retry-over condition detected
7
RMAF
0
R/W
Receive Multicast Address Frame
0: Multicast address frame has not been received
1: Multicast address frame has been received
6, 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
RRF
0
R/W
Receive Residual-Bit Frame
0: Residual-bit frame has not been received
1: Residual-bit frame has been received
3
RTLF
0
R/W
Receive Too-Long Frame
Indicates that the frame more than the number of
receive frame length upper limit set by RFLR of the
EtherC has been received.
0: Too-long frame has not been received
1: Too-long frame has been received
2
RTSF
0
R/W
Receive Too-Short Frame
Indicates that a frame of fewer than 64 bytes has been
received.
0: Too-short frame has not been received
1: Too-short frame has been received
1
PRE
0
R/W
PHY Receive Error
0: PHY receive error not detected
1: PHY receive error detected
0
CERF
0
R/W
CRC Error on Received Frame
0: CRC error not detected
1: CRC error detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com