Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 472 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 468Page - Renesas Technology Corp SH7672 Datasheet HTML 469Page - Renesas Technology Corp SH7672 Datasheet HTML 470Page - Renesas Technology Corp SH7672 Datasheet HTML 471Page - Renesas Technology Corp SH7672 Datasheet HTML 472Page - Renesas Technology Corp SH7672 Datasheet HTML 473Page - Renesas Technology Corp SH7672 Datasheet HTML 474Page - Renesas Technology Corp SH7672 Datasheet HTML 475Page - Renesas Technology Corp SH7672 Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 446 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
value
R/W
Description
26
TABT
0
R/W
Transmit Abort Detection
Indicates that frame transmission by the EtherC has
been aborted because of an error during transmission.
0: Frame transmission has not been aborted or no
transmit directive
1: Frame transmit has been aborted
25
RABT
0
R/W
Receive Abort Detection
Indicates that frame reception by the EtherC has been
aborted because of an error during reception.
0: Frame reception has not been aborted or no receive
directive
1: Frame receive has been aborted
24
RFCOF
0
R/W
Receive Frame Counter Overflow
Indicates that the receive FIFO frame counter has
overflowed.
0: Receive frame counter has not overflowed
1: Receive frame counter overflows
23
ADE
0
R/W
Address Error
Indicates that the memory address that the E-DMAC
tried to transfer is found illegal.
0: Illegal memory address not detected (normal
operation)
1: Illegal memory address detected
Note: When an address error is detected, the E-DMAC
halts transmitting/receiving. To resume the
operation, set the E-DMAC again after software
reset by means of the SWR bit in EDMR.
22
ECI
0
R
EtherC Status Register Interrupt Source
This bit is a read-only bit. When the source of an
ECSR interrupt in the EtherC is cleared, this bit is also
cleared.
0: EtherC status interrupt source has not been
detected
1: EtherC status interrupt source has been detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com