Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 464Page - Renesas Technology Corp SH7672 Datasheet HTML 465Page - Renesas Technology Corp SH7672 Datasheet HTML 466Page - Renesas Technology Corp SH7672 Datasheet HTML 467Page - Renesas Technology Corp SH7672 Datasheet HTML 468Page - Renesas Technology Corp SH7672 Datasheet HTML 469Page - Renesas Technology Corp SH7672 Datasheet HTML 470Page - Renesas Technology Corp SH7672 Datasheet HTML 471Page - Renesas Technology Corp SH7672 Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 442 of 1262
REJ09B0437-0100
13.2.3
E-DMAC Receive Request Register (EDRRR)
EDRRR is a 32-bit readable/writable register that issues receive directives to the E-DMAC. When
the receive request bit is set, the E-DMAC reads the relevant receive descriptor. If the receive
descriptor active bit in the descriptor has the "active" setting, the E-DMAC prepares for a receive
request from the EtherC. When one receive buffer of data has been received, the E-DMAC reads
the next descriptor and prepares to receive the next frame. If the receive descriptor active bit in the
descriptor has the "inactive" setting, the RR bit is cleared and operation of the receive DMAC is
halted.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRRRRRRRRRRRRR
R/W


RR
Bit
Bit Name
Initial
value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
RR
0
R/W
Receive Request
0: The receive function is disabled*
1: A receive descriptor is read and the E-DMAC is
ready to receive
Note:
*
If the receive function is disabled during frame reception, write-back is not performed
successfully to the receive descriptor. Following pointers to read a receive descriptor
become abnormal and the E-DMAC cannot operate successfully. In this case, to make
the E-DMAC reception enabled again, execute a software reset by the SWR bit in
EDMR. To make the E-DMAC reception disabled without executing a software reset,
set the RE bit in ECMR. Next, after the E_DMAC has completed the reception and
write-back to the receive descriptor has been confirmed, disable the receive function of
this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com