Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 462Page - Renesas Technology Corp SH7672 Datasheet HTML 463Page - Renesas Technology Corp SH7672 Datasheet HTML 464Page - Renesas Technology Corp SH7672 Datasheet HTML 465Page - Renesas Technology Corp SH7672 Datasheet HTML 466Page - Renesas Technology Corp SH7672 Datasheet HTML 467Page - Renesas Technology Corp SH7672 Datasheet HTML 468Page - Renesas Technology Corp SH7672 Datasheet HTML 469Page - Renesas Technology Corp SH7672 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 440 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
value
R/W
Description
5
4
DL1
DL0
0
0
R/W
R/W
Descriptor Length
These bits specify the descriptor length.
00: 16 bytes
01: 32 bytes
10: 64 bytes
11: Reserved (setting prohibited)
3 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
SWR
0
R/W
Software Reset
Writing 1 in this bit initializes registers of the E-DMAC
other than TDLAR, RDLAR, and RMFCR and registers
of the EtherC. While a software reset is being
executed (64 cycles of the internal bus clock B
φ),
accesses to the all Ethernet-related registers are
prohibited.
Software reset period (example):
When B
φ = 100 MHz: 0.64 µS
When B
φ = 75 MHz: 0.85 µS
This bit is always read as 0.
0: Writing 0 is ignored (E-DMAC operation is not
affected)
1: Writing 1 resets the EtherC and E-DMAC and then
automatically cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com