Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 467 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 463Page - Renesas Technology Corp SH7672 Datasheet HTML 464Page - Renesas Technology Corp SH7672 Datasheet HTML 465Page - Renesas Technology Corp SH7672 Datasheet HTML 466Page - Renesas Technology Corp SH7672 Datasheet HTML 467Page - Renesas Technology Corp SH7672 Datasheet HTML 468Page - Renesas Technology Corp SH7672 Datasheet HTML 469Page - Renesas Technology Corp SH7672 Datasheet HTML 470Page - Renesas Technology Corp SH7672 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 441 of 1262
REJ09B0437-0100
13.2.2
E-DMAC Transmit Request Register (EDTRR)
The EDTRR is a 32-bit readable/writable register that issues transmit directives to the E-DMAC.
When transmission of one frame is completed, the next descriptor is read. If the transmit
descriptor active bit in this descriptor has the "active" setting, transmission is continued. If the
transmit descriptor active bit has the "inactive" setting, the TR bit is cleared and operation of the
transmit DMAC is halted.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRRRRRRRRRRRRR
R/W


TR
Bit
Bit Name
Initial
value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
TR
0
R/W
Transmit Request
0: Transmission-halted state. Writing 0 does not stop
transmission. Termination of transmission is
controlled by the active bit in the transmit descriptor
1: Start of transmission. The relevant descriptor is
read and a frame is sent with the transmit active bit
set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com