Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 465Page - Renesas Technology Corp SH7672 Datasheet HTML 466Page - Renesas Technology Corp SH7672 Datasheet HTML 467Page - Renesas Technology Corp SH7672 Datasheet HTML 468Page - Renesas Technology Corp SH7672 Datasheet HTML 469Page - Renesas Technology Corp SH7672 Datasheet HTML 470Page - Renesas Technology Corp SH7672 Datasheet HTML 471Page - Renesas Technology Corp SH7672 Datasheet HTML 472Page - Renesas Technology Corp SH7672 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 443 of 1262
REJ09B0437-0100
13.2.4
Transmit Descriptor List Address Register (TDLAR)
TDLAR is a 32-bit readable/writable register that specifies the start address of the transmit
descriptor list. Descriptors have a boundary configuration in accordance with the descriptor length
indicated by the DL bit in EDMR. This register must not be written to during transmission.
Modifications to this register should only be made while transmission is disabled by the TR bit
(
= 0) in the E-DMAC transmit request register (EDTRR).
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial Value:
R/W:
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TDLA[31:16]
TDLA[15:0]
Bit
Bit Name
Initial
value
R/W
Description
31 to 0
TDLA[31:0]
All 0
R/W
Transmit Descriptor Start Address
The lower bits are set as follows according to the
specified descriptor length.
16-byte boundary: TDLA3 to TDLA0 = 0000
32-byte boundary: TDLA4 to TDLA0 = 00000
64-byte boundary: TDLA5 to TDLA0 = 000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com