Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 491Page - Renesas Technology Corp SH7672 Datasheet HTML 492Page - Renesas Technology Corp SH7672 Datasheet HTML 493Page - Renesas Technology Corp SH7672 Datasheet HTML 494Page - Renesas Technology Corp SH7672 Datasheet HTML 495Page - Renesas Technology Corp SH7672 Datasheet HTML 496Page - Renesas Technology Corp SH7672 Datasheet HTML 497Page - Renesas Technology Corp SH7672 Datasheet HTML 498Page - Renesas Technology Corp SH7672 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 469 of 1262
REJ09B0437-0100
13.3
Operation
The E-DMAC is connected to the EtherC, and performs efficient transfer of transmit/receive data
between the EtherC and memory (buffers) without the intervention of the CPU. The E-DMAC
itself reads control information, including buffer pointers called descriptors, relating to the buffers.
The E-DMAC reads transmit data from the transmit buffer and writes receive data to the receive
buffer in accordance with this control information. By setting up a number of consecutive
descriptors (a descriptor list), it is possible to execute transmission and reception continuously.
13.3.1
Descriptor List and Data Buffers
Before starting transmission/reception, the communication program creates transmit and receive
descriptor lists in memory. The start addresses of these lists are then set in the transmit and receive
descriptor list start address registers.
The descriptor start address must be aligned so that it matches the address boundary according to
the descriptor length set by the E-DMAC mode register (EDMR). The transmit buffer start address
can be aligned with a byte, a word, and a longword boundary.
(1) Transmit Descriptor
Figure 13.2 shows the relationship between a transmit descriptor and the transmit buffer.
According to the specification in this descriptor, the relationship between the transmit frame and
transmit buffer can be defined as one frame/one buffer or one frame/multi-buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com